Part Number Hot Search : 
56F80 EER90 LTM4613 003901 222MR 31006 MAX1535 C3950
Product Description
Full Text Search
 

To Download NTE2971 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2971 MOSFET N-Channel, Enhancement Mode High Speed Switch
Applications: D SMPS D DC-DC Converter D Battery Charger D Power Supply of Printer D Copier D HDD, FDD, TV, VCR D Personal Computer Absolute Maximum Ratings: (TC = +25C unless otherwise specified) Drain-Source Voltage (VGS = 0V), VDSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600V Gate-Source Voltage (VDS = 0V), VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Drain Current, ID Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20A Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60A Maximum Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 275W Channel Temperature Range, Tch . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Thermal Resistance, Channel-to-Case, Rth(ch-c) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.45C/W Electrical Characteristics: (Tch = +25C unless otherwise specified)
Parameter Drain-Source Breakdown Voltage Gate-Source Breakdown Voltage Gate-Source Leakage Zero Gate Voltage Drain Current Gate Threshold Voltage Static Drain-Source ON Resistance Drain-Source On-State Voltage Forward Transfer Admittance Symbol Test Conditions Min 600 30 - - 2.0 - - 8 Typ - - - - 3.0 0.33 3.3 13 Max - - 10 1.0 4.0 0.43 4.3 - Unit V V A mA V V S V(BR)DSS VDS = 0V, ID = 1mA V(BR)GSS VDS = 0V, IG = 100A IGSS IDSS VGS(th) RDS(on) VDS(on) |yfs| VGS = 25V, VDS = 0V VDS = 600V, VGS = 0 VDS = 10V, ID = 1mA VGS = 10V, ID = 10A VGS = 10V, ID = 10A VGS = 10V, ID = 10A
Electrical Characteristics (Cont'd): (Tch = +25C unless otherwise specified)
Parameter Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Diode Forward Voltage Symbol Ciss Coss Crss td(on) tr td(off) tf VSD IS = 10A, VGS = 0V VDD = 200V, ID = 10A, VGS = 10V, RGEN = RGS = 50 Test Conditions VGS = 0V, VDS = 25V, f = 1MHz Min - - - - - - - - Typ 2800 350 50 50 85 350 100 1.5 Max - - - - - - - 2.0 Unit pF pF pF ns ns ns ns V
.190 (4.82)
.615 (15.62)
.787 (20.0) .591 (15.02) .126 (3.22) Dia
.787 (20.0)
G
D
S
.215 (5.47)


▲Up To Search▲   

 
Price & Availability of NTE2971

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X